PART |
Description |
Maker |
CMLDM7002A |
SURFACE MOUNT PICOmini DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 280 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor, Corp.
|
2SK304 2SK304D |
N-Channel Silicon MOSFET Low-Frequency Aplifier Applications N-Channel Junction Silicon FET 20 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, JFET
|
Sanyo
|
ENA0889 MCH6438 |
P-Channel Silicon MOSFET General-Purpose Switching Device Applications 200 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Sanyo Semicon Device SANYO SEMICONDUCTOR CO LTD
|
FDS898407 FDS8984 |
N-Channel PowerTrench? MOSFET N-Channel PowerTrench庐 MOSFET N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm 7 A, 30 V, 0.032 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
CMLM0205 |
MULTI DISCRETE MODULESURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE 280 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor, Corp.
|
EMH2602 |
3500 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
SCH2815 |
MOSFET : N-Channel Silicon MOSFET MOSFET General-Purpose Switching Device
|
Sanyo Semicon Device
|
2SK3925-01 |
XTAL CER SMT 6X3.5 2PAD 34 A, 250 V, 0.11 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-CHANNEL SILICON POWER MOSFET
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
2SK439 2SK439E K439 |
Silicon N Channel MOS FET Silicon N-Channel MOS FET 硅N沟道场效应晶体管 TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 30MA I(D) | SPAK 2SK439
|
Hitachi,Ltd. Sanyo Semicon Device Hitachi Semiconductor
|
2SK544E 2SK544D 2SK544 |
N-Channel Silicon MOSFET FM Tuner, VHF Amplifier Applications Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 30MA I(D) | SPAK
|
SANYO
|
FMC05N50E |
N-CHANNEL SILICON POWER MOSFET 5 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET T-PACK(S), 3 PIN
|
Fuji Electric Holdings Co., Ltd.
|
|